Part Number Hot Search : 
C3843 MMBD4 NCE0208I SY88973 X2065 W25Q32 RJK032 RJK032
Product Description
Full Text Search
 

To Download 1SMA5917 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company
SURFACE MOUNT SILICON ZENER DIODE
1SMA5917 - 1SMA5945 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
ABSOLUTE MAXIMUM RATINGS DESCRIPTION Power Dissipation @ Ta=50C Derate Above 50C Peak Forward Surge Current, 8.3ms Single Half Sine-Wave Superimposed on Rated Load Operating Junction and Storage Temperature Range
SYMBOL *PD
VALUE 1.5 15
UNIT W mW/C A C
**IFSM Tj, Tstg
10 - 55 to +150
* Mounted on 5.0mm2 ( 0.013mm thick) land ares ** Measured on 8.3ms, and single half sine-wave or equivalent square wave, duty cycle=4 pulses per minute maximum ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) VF @ 200mA <1.2V Zener Impedance Zener Voltage Reverse Leakage VZ @ IZT ZZT @ IZT ZZK @ IZK IR @ VR Device # (V) (mA) (mA) (V) () () (A) Nom. V min max max max max 4.7 4.46 4.94 5.0 79.8 500 1.0 5.0 1.5 1SMA5917 1SMA5918 5.36 4.0 73.5 350 1.0 5.0 2.0 5.1 4.84 1SMA5919 5.6 5.88 2.0 66.9 250 1.0 5.0 3.0 5.32 1SMA5920 6.2 6.51 2.0 60.5 200 1.0 5.0 4.0 5.89 1SMA5921 6.8 7.14 2.5 55.1 200 1.0 5.0 5.2 6.46 1SMA5922 7.5 7.88 3.0 50.0 400 0.50 5.0 6.0 7.12 1SMA5923 8.2 8.61 3.5 45.7 400 0.50 5.0 6.5 7.79 1SMA5924 9.1 8.64 9.56 4.0 41.2 500 0.50 5.0 7.0 1SMA5925 10 9.50 10.50 4.5 37.5 500 0.25 5.0 8.0 11.55 5.5 34.1 550 0.25 1.0 8.4 1SMA5926 11 10.45 12.60 6.5 31.2 550 0.25 1.0 9.1 1SMA5927 12 11.40 13.65 7.0 28.8 550 0.25 1.0 9.9 1SMA5928 13 12.35 15 15.75 9.0 25.0 600 0.25 1.0 11.4 1SMA5929 14.25 16 16.80 10 23.4 600 0.25 1.0 12.2 1SMA5930 15.20 18 18.90 12 20.8 650 0.25 1.0 13.7 1SMA5931 17.10 20 21.00 14 18.7 650 0.25 1.0 15.2 1SMA5932 19.00 22 23.10 17.5 17.0 650 0.25 1.0 16.7 1SMA5933 20.90 25.20 19 15.6 700 0.25 1.0 18.2 24 22.80 1SMA5934 27 28.35 23 13.9 700 0.25 1.0 20.6 25.65 1SMA5935 30 31.50 28 12.5 750 0.25 1.0 22.8 28.50 1SMA5936 33 34.65 33 11.4 800 0.25 1.0 25.1 31.35 1SMA5937 36 37.80 38 10.4 850 0.25 1.0 27.4 34.20 1SMA5938 39 41.00 45 9.60 900 0.25 1.0 29.7 37.05 1SMA5939 43 45.20 53 8.70 950 0.25 1.0 32.7 1SMA5940 40.85
1SMA5917_5945Rev080205E
Continental Device India Limited
Marking Code 917A 918A 919A 920A 921A 922A 923A 924A 925A 926A 927A 928A 929A 930A 931A 932A 933A 934A 935A 936A 937A 938A 939A 940A
Data Sheet
Page 1 of 5
SURFACE MOUNT SILICON DIODE
1SMA5917 - 1SMA5945 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
ELECTRICAL CHARACTERISTICS (Ta=25C unless specified otherwise) VF @ 200mA <1.2V Zener Impedance Reverse Leakage Zener Voltage VZ @ IZT ZZT @ IZT ZZK @ IZK IR @ VR Device # (V) (mA) (mA) (V) () () (A) Nom. V min max max max max 1SMA5941 47 44.65 49.40 67 8.00 1000 0.25 1.0 35.8 1SMA5942 51 48.45 53.60 70 7.30 1100 0.25 1.0 38.8 58.8 86 6.7 1300 0.25 1.0 42.6 1SMA5943 56 53.2 1SMA5944 62 58.9 65.1 100 6.0 1500 0.25 1.0 47.1 1SMA5945 68 64.6 71.4 120 5.5 1700 0.25 1.0 51.7
1SMA5917_5945Rev080205E
Marking Code 941A 942A 943A 944A 945A
Continental Device India Limited
Data Sheet
Page 2 of 5
1SMA5917 - 1SMA5945 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
DO-214AC (SMA) SMD Plastic Package
DIM A B C D
Min 4.06 2.18 1.29 0.152
Max 4.57 2.79 1.70 0.305
DIM E F G H
Min 1.70 0.89 0.102 4.70
Max 2.31 1.50 0.203 5.31
All Dimensions are in mm
1SMA5917_5945Rev080205E
Continental Device India Limited
Data Sheet
Page 3 of 5
1SMA5917 - 1SMA5945 (4V7 - 68V) DO-214AC (SMA) Surface Mount Package
SMA Packaging Tape
All Dimensions are in mm
Packaging Information
Package/ Case Type DO-214AC (SMA) T & R: Tape and Reel Packaging Type Std. Packing Qty 5,000 Qty Inner Carton Size L x W x H (cm) Gross Weight (Kg) Qty 50K Outer Carton Size L x W x H Gross Weight (cm) (Kg) 46 x 38 x 22 7.9
T&R
1SMA5917_5945Rev080205E
Continental Device India Limited
Data Sheet
Page 4 of 5
Reel Dimensions and Components/Reel for SMD Package
1SMA5917 - 1SMA5945 (4V7 - 68V) DO-214AC (SMA)
Package
Tape Width
Reel Specifications Reel Dia. A - Max 330
DO-214AC (SMA) 12 All Dimensions are in mm
Inside Thickness W 12.4 2
Reel Thickness T - max 18.4
Components Disposal Instructions 1. CDIL Semiconductor Devices are non-recyclable RoHS free material, customers are requested to please dispose as per prevailing Environmental Legislation of their Country. 2. In Europe, please dispose as per EU Directive 2002/96/EC on Waste Electrical and Electronic Equipment (WEEE).
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as to confirm that the Device(s) meet functionality parameters for your application. The information furnished in the Data Sheet and on the CDIL Web Site/CD are believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product; neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and CDIL will not be responsible for any damages resulting from such sale(s). CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of Continental Device India Limited C-120 Naraina Industrial Area, New Delhi 110 028, India. Telephone + 91-11-2579 6150, 4141 1112 Fax + 91-11-2579 5290, 4141 1119 email@cdil.com www.cdilsemi.com
1SMA5917_5945Rev080205E
Continental Device India Limited
Data Sheet
Page 5 of 5


▲Up To Search▲   

 
Price & Availability of 1SMA5917

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X